PART |
Description |
Maker |
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
MAX4518 MAX4518CEE MAX4518CPD MAX4518CSD MAX4518EE |
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 32-Bit Digital Signal Controller with RAM 179-BGA MICROSTAR Precision, 4-Channel/Dual 2-Channel,Low-Voltage, CMOS Analog Multiplexers Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MX27L1000 MX27L1000MC-12 MX27L1000MC-15 MX27L1000M |
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 TRIM POT 500 OHM 3MM SQUARE SMD TRIM POT 50K OHM 3MM SQUARE SMD
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. MCNIX[Macronix International]
|
AM29SL800C AM29SL800CB100EC AM29SL800CB100ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800DB100ED A800DB15PD A800DT15PD |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
Advanced Micro Devices, Inc.
|
K6T2008U2A K6T2008U2A-B K6T2008U2A-F K6T2008U2A-FF |
256Kx8 bit Low Power and Low Voltage CMOS Static RAM
|
Samsung semiconductor
|
K6T2008S2A |
256K X 8 Bit Low Power And Low Voltage CMOS Static RAM
|
Samsung Semiconductor
|